Part Number Hot Search : 
CDRH5D MMBTA 2N7002W RN1912FS IRPLDIM1 AP410 NTE400 MMBTA
Product Description
Full Text Search
 

To Download NX5032SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency (mhz) (range) equivalent series resistance max.[] 9.75 to 10 10 to 15 15 to 20 20 to 40 150 120 100 80 example NX5032SD-9.750m-std-csy-1 frequency range overtone order frequency tolerance (25 3) temperature characteristics (with reference to +25c) operating temperature range equivalent series resistance drive level load capacitance item model 9.75 to 40mhz fundamental 15 10 ?6 50 10 ?6 ?40 to +125 refer to *1 10w(max:100w) 12pf NX5032SD NX5032SD for car electronics cu30_071108_NX5032SD_e1 mm 3.10.1 0.900.10 2.050.10 0.8 4.2 4.90.1 (1.2) #1 r0.425 6.0 1.9 3.50.1 #2 #4 #3 #4 #1 #3 #2 0.85 cover #1, #3: crystal others: gnd (connected to a cover) pb free crystal units the above specifications are standard for this ndk product. custom-made specifications such as load capacitance and temperature characteristics are also available. please contact ndk sales with your enquiries. when ordering our products, specify them with an ordering code that consists of the following : -- m if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales represe ntatives or visit our homepage (http://www.ndk.com/). *1 equivalent series resistance model name frequency (max : 9 digits) number for specifying an order n features n specifications n how to specify an order n dimensions internal connections(top view) a small surface-mount type crystal unit, ideal for the special requirements of car electronics, such as tpms (tire pressure monitoring system). the crystal unit is ideally suited for the clock signal generating source of the transmission unit in a tire wheel that is subject to strong centrifugal force. stable frequency characteristics even with a powerful centrifugal force of 2,000g, as found in the transmission side of tmrs applications. excellent environmental performance including heat, vibration, shock and heat cycle resistance. lead-free. meets the requirements for re-flow profiling using lead-free solder. conforms to aec-q200. l l l l


▲Up To Search▲   

 
Price & Availability of NX5032SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X